PART |
Description |
Maker |
NTTD1P02R2-D NTTD1P02R2/D |
Power MOSFET -1.45 Amps-20 Volts Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package
|
ON Semiconductor
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTMD2P01R2 NTMD2P01R2-D |
Power MOSFET -2.3 Amps, -16 Volts Dual SO-8 Package Power MOSFET -2.3 Amps, -16 Volts Dual SO Package(-2.3A16V,双通道SO-8封装的功率MOSFET) 2.3 A, 16 V, 0.1 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
MGSF2N02E MGSF2N02ELT1 MGSF2N02ELT1G MGSF2N02ELT3 |
2.8 Amps, 20 Volts, N−Channel SOT−23 2.8 A, 20 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-236AB 2.8 Amps, 20 Volts, N-Channel SOT-23 2.8 Amps, 20 Volts, N−Channel SOT−23 Power MOSFET 2.8 Amps, 20 Volts
|
ONSEMI[ON Semiconductor]
|
NTD6N40/D NTD6N40-D |
Power MOSFET 6 Amps, 400 Volts N-Channel DPAK Power MOSFET 6 Amps400 Volts
|
ON Semiconductor
|
NTP75N03-06-D NTP75N03-06/D |
Power MOSFET 75 Amps30 Volts Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
NTMD6P02R2 NTMD6P02R2-D NTMD6P02 |
Power MOSFET 6 Amps, 20 Volts P?Channel SO, Dual(6A0V,双P沟道SO-8封装的功率MOSFET) Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTD32N06L NTD32N06LT4 NTD32N06L-1 NTD32N06LT4G NTD |
Power MOSFET 32 Amps, 60 Volts, Logic Level(N−Channel DPAK) Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK) Power MOSFET 32 Amps / 60 Volts / Logic Level(N-Channel DPAK) Power MOSFET 32 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTB45N06L NTP45N06LG |
Power MOSFET 45 Amps, 60 Volts, Logic Level; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts, Logic Level, N-Channel TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts Logic Level, N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTD85N02RT4G NTD85N02R NTD85N02R-001 NTD85N02R-1G |
Power MOSFET 85 Amps, 24 Volts N-Channel DPAK 85 A, 24 V, 0.0052 ohm, N-CHANNEL, Si, POWER, MOSFET Power Mosfet 85 A, 24 V, N-Channel DPAK Power MOSFET 85 Amps / 24 Volts N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTMS5P02R206 NTMS5P02R2G NTMS5P02R2 |
Power MOSFET -5.4 Amps, -20 Volts 3950 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTD30N02G |
Power MOSFET 30 Amps, 24 Volts
|
ON Semiconductor
|
|